Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2511 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2511
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2511 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2511 Datasheet HTML 1Page - KR Electronics, Inc. 2511 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
KR 2511 Lowpass Filter
KR 2511 is a 4.2 MHz lowpass filter. Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• High stopband loss
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S31
LOG
.1 dB/
REF 0 dB
START
. 100
000
MHz
STOP
4 . 200
000
MHz
Cor
CH2
S31
DEL
5 ns/
REF 60 ns
Cor
Avg
50
Smo
10 Oct 2003 12:28:53
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
50 . 000
000
MHz
Cor
Avg
16
10 Oct 2003 12:30:26
Passband Amplitude & Group Delay
(0.1 dB/div and 5 nsec/div to 4.2 MHz)
Overall Response
(10 dB/div to 50 MHz)


Numéro de pièce similaire - 2511

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
2511 SCHURTER-2511 Datasheet
333Kb / 2P
Power Cord with IEC Connector C7, Angled
logo
List of Unclassifed Man...
2511 ETC2-2511 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
2511 ETC-2511 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Heyco.
2511 HEYCO-2511 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Christian Bürkert GmbH ...
2511 BURKERT-2511 Datasheet
621Kb / 6P
Gerätesteckdose mit leistungsreduzierender Pulsweitenmodulation (PWM)
29.03.2021
More results

Description similaire - 2511

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com