Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

558 Fiches technique(PDF) 2 Page - Mallory performance club

No de pièce 558
Description  ELECTRONIC BREAKERLESS CONVERSION KIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MALLORY [Mallory performance club]
Site Internet  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

558 Fiches technique(HTML) 2 Page - Mallory performance club

  558 Datasheet HTML 1Page - Mallory performance club 558 Datasheet HTML 2Page - Mallory performance club 558 Datasheet HTML 3Page - Mallory performance club 558 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Step 4
Use a 2-arm or 3-arm puller and the thrust button
(provided) to remove the cam from the rotor sleeve
(see Figure 2).
WARNING: Do not try to remove the cam by
prying on it with a screwdriver(s). This will
damage the advance assembly.
Step 5
Install the UNILITE® plate assembly into the housing.
Make sure that the cut-out in the plate is directly
below the hole in the housing where the wires will exit
(see Figure 3).
Step 6
Tighten the two nuts that hold the cap clips/brackets
in place. This also secures the UNILITE® plate.
Step 7
Marine Distributors Only
Replace the cap clips using the new aluminum pins
provided.
Step 8
Install the wire grommet. Lubricate the wires with light
oil. Run the wires through the grommet and out of the
distributor housing (see Figure 3).
Step 9
Install the connector onto the wires. Be sure the wires
are in the correct positions (see Figure 4).
Step 10
Install the rotor/shutter wheel assembly. Make sure
that the rotor is fully seated and that it does not rub
the module wires. Replace the cap.
Step 11
If you removed the distributor to install the UNILITE®
Conversion Kit, reinstall the distributor in the engine.
Step 12
Connect the wire harness to the connector. Connect
the 3 wires to the correct locations, as shown in
Figures 5 and 6.
Step 13
Set the ignition timing. Start the engine and recheck
timing.
MALLORY TECHNICAL SUPPORT
(216)688-8300
www.mrgasket.com
2
FIGURE 2
FIGURE 3
FIGURE 4
Puller
Thrust Button
Remove button
after cam has
been removed
Cam
Grommet
UNILITE® Plate
Assembly
Connector
Red
Brown
Green
Female Connector
Index Rib
Distributor Wire Harness
Red
Brown
Green



Html Pages

1 2 3 4