| Moteur de recherche de fiches techniques de composants électroniques |
|
THS7002 Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS7002 Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 40 page ![]() THS6002 DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS SLOS202D– JANUARY 1998– REVISED JULY 1999 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION DWP (R-PDSO-G20) PowerPAD ™ PLASTIC SMALL-OUTLINE PACKAGE Gage Plane 0.411 (10,44) 0.430 (10,92) 0.010 (0,25) NOM 0.010 (0,25) Seating Plane 0.050 (1,27) 0.016 (0,40) 4073226/B 01/96 11 10 0.500 (12,70) 0.510 (12,95) 20 1 0.004 (0,10) 0.000 (0,00) 0.096 (2,43) MAX 0.020 (0,51) 0.014 (0,35) 0.293 (7,45) 0.299 (7,59) 0.050 (1,27) M 0.010 (0,25) 0.004 (0,10) +2 °–8° Thermal Pad 0.150 (3,81) 0.170 (4,31) NOM (see Note C) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. The thermal performance may be enhanced by bonding the thermal pad to an external thermal plane. PowerPAD is a trademark of Texas Instruments Incorporated. |