| Moteur de recherche de fiches techniques de composants électroniques |
|
THS4081 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4081 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 24 page ![]() THS4081, THS4082 175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS SLOS274C – DECEMBER 1999 – REVISED MAY 2000 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION evaluation board An evaluation board is available for the THS4081 (literature number SLOP242) and THS4082 (literature number SLOP239). This board has been configured for very low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the evaluation board is shown in Figure 51. The circuitry has been designed so that the amplifier may be used in either an inverting or noninverting configuration. For more information, please refer to the THS4081 EVM User’s Guide or the THS4082 EVM User’s Guide. To order the evaluation board, contact your local TI sales office or distributor. _ + THS4081 VCC – VCC+ C1 6.8 µF C4 0.1 µF C2 6.8 µF C3 0.1 µF R4 1.3 k Ω R2 1.3 k Ω R3 49.9 Ω R5 49.9 Ω IN – IN + OUT + + R1 49.9 Ω Figure 51. THS4081 Evaluation Board |