Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSS-S20122A9 Fiches technique(PDF) 2 Page - China Semiconductor Corporation

No de pièce CSS-S20122A9
Description  0.2 Inch Single Digit SMD Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSS-S20122A9 Fiches technique(HTML) 2 Page - China Semiconductor Corporation

  CSS-S20122A9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-S20122A9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-S20122A9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-S20122A9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-S20122A9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-S20122A9 Datasheet HTML 6Page - China Semiconductor Corporation CSS-S20122A9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.2 inch (5.08mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board.
Device Selection Guide -
Mechanical Dimensions -
Page
1/6
http://www.csctw.com.tw
CSS-S20123A9
AIGaInP
Common Anode
A
Description
2. Qualified according to JEDEC moisture sensitivity Level 2a.
PS-DS-S20122/S20123A9
Model No CSS-S20122/S20123A9
Chip
Emitting Color
Model No.
CSS-S20122A9
AIGaInP
Super Bright Amber
Material
Super Bright Amber
Common Cathode



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com