| Moteur de recherche de fiches techniques de composants électroniques |
|
CSS-15105G Fiches technique(PDF) 3 Page - China Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CSS-15105G Fiches technique(HTML) 3 Page - China Semiconductor Corporation |
|
3 / 6 page ![]() CHINA SEMICONDUCTOR Spec. No. CORPORATION Rev. Internal Circuit Diagrams - Absolute Maximum Rating - (Ta=25 ) Symbol Unit Pd mW IAF mA IPF mA - mA/ VR V Topr Tstg Page 2/5 70 Continuous Forward Current Per Dice 25 http://www.csctw.com.tw -35 ~ +85 Peak Current Per Dice(duty cycle 1/10,1KHz) 90 Derating Linear From 25 Per Dice Reverse Voltage Per Dice Operating Temp. Power Dissipation Per Dice Solder temperature 1/16 inch below seating plane for 3 seconds at 260 0.33 Parameter Rating 5 Storage Temp. -35 ~ +85 PS-ND-0711 A Model No CSS-15104G/15105G |