| Moteur de recherche de fiches techniques de composants électroniques |
|
THS4021 Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4021 Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 22 page ![]() THS4021, THS4022 350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION evaluation board An evaluation board is available for the THS4021 (literature number SLOP129) and THS4022 (literature number SLOP231). This board has been configured for very low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the evaluation board is shown in Figure 44. The circuitry has been designed so that the amplifier may be used in either an inverting or noninverting configuration. For more information, please refer to the THS4021 EVM User’s Guide or the THS4022 EVM User’s Guide. To order the evaluation board, contact your local TI sales office or distributor. _ + THS4021 VCC – VCC+ C1 6.8 µF C4 0.1 µF C2 6.8 µF C3 0.1 µF R4 1 k Ω R2 49.9 Ω R3 49.9 Ω R5 49.9 Ω IN – IN + NULL OUT NULL + + Figure 44. THS4021 Evaluation Board |