| Moteur de recherche de fiches techniques de composants électroniques |
|
THS1401 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS1401 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 22 page ![]() THS1401, THS1403, THS1408 14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA SLAS248 – DECEMBER 1999 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 features D 14-Bit Resolution D 1, 3, and 8 MSPS Speed Grades Available D Differential Nonlinearity (DNL) ±0.6 LSB Typ D Integral Nonlinearity (INL) ±1.5 LSB Typ D Internal Reference D Differential Inputs D Programmable Gain Amplifier D µP Compatible Parallel Interface D Timing Compatible With TMS320C6000 DSP D 3.3-V Single Supply D Power-Down Mode D Monolithic CMOS Design applications D xDSL Front Ends D Communication D Industrial Control D Instrumentation 14 15 WR OE DGND DGND CLK DVDD DVDD D0 D1 D2 DVDD DGND 36 35 34 33 32 31 30 29 28 27 26 25 16 1 2 3 4 5 6 7 8 9 10 11 12 IN– AVDD VBG CML REF+ REF– AGND AGND DGND OV D13 D12 17 18 19 20 47 46 45 44 43 48 42 40 39 38 41 21 22 23 24 37 13 PFB PACKAGE (TOP VIEW) NC – No internal connection Copyright © 1999, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Numéro de pièce similaire - THS1401 |
|
Description similaire - THS1401 |