Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS0842 Fiches technique(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS0842
Description  DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS0842 Fiches technique(HTML) 26 Page - Texas Instruments

Back Button THS0842 Datasheet HTML 21Page - Texas Instruments THS0842 Datasheet HTML 22Page - Texas Instruments THS0842 Datasheet HTML 23Page - Texas Instruments THS0842 Datasheet HTML 24Page - Texas Instruments THS0842 Datasheet HTML 25Page - Texas Instruments THS0842 Datasheet HTML 26Page - Texas Instruments THS0842 Datasheet HTML 27Page - Texas Instruments THS0842 Datasheet HTML 28Page - Texas Instruments THS0842 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
THS0842
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
SLAS246 – DECEMBER 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
THS0842
DA7– DA0
2D7 – 2D0
1D7 – 1D0
1D8
LE
OE
8
COUT
1D9
COUT
ASIC
or
DSP
10
1Q9 – 1Q0
2Q9 – 2Q0
SN74ALVCH16841
Figure 25. Single Bus Connection Example
THS0842
DA7– DA0
SN74ALVCH16841
2D7 – 2D0
1D7 – 1D0
1D8
LE
OE
8
COUT
2D8
COUT
ASIC
or
DSP
9
1Q8 – 1Q0
2Q8 – 2Q0
DB7– DB0
8
9
Figure 26. Dual Bus Connection Example
NOTE: The SN74ALVCH16841 latches are used to buffer the THS8042 and COUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29