Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2484 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2484
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2484 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2484 Datasheet HTML 1Page - KR Electronics, Inc. 2484 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
5.1
10.1
15.1
20.1
25.1
30.1
35.1
40.1
Frequency (KHz)
KR 2484 Lowpass Filter
KR 2484 is an 20 KHz lowpass filter. Other frequencies can
be specified.
General Description
KR Electronics, Inc.
Features
• 20 KHz cutoff frequency
• 50 Ω
Typical Measured Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response & Return Loss
(5 dB/div)


Numéro de pièce similaire - 2484

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2484 POMONA-2484 Datasheet
28Kb / 1P
Stacking Banana Plug Each End On Retractile (Coiled) Cord
logo
Littelfuse
2484 LITTELFUSE-2484 Datasheet
362Kb / 1P
2484 SERIES BATTERY DISCONNECT SWITCHES
2021 Rev: 020821-B
logo
Heyco.
2484 HEYCO-2484 Datasheet
106Kb / 1P
Snap Bushings
logo
Keystone Electronics Co...
2484 KEYSTONE-2484 Datasheet
403Kb / 1P
PLASTIC BATTERY HOLDERS
31-07 20th
logo
Pomona Electronics
2484-0 POMONA-2484-0 Datasheet
28Kb / 1P
Stacking Banana Plug Each End On Retractile (Coiled) Cord
More results

Description similaire - 2484

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com