Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2477 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2477
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2477 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2477 Datasheet HTML 1Page - KR Electronics, Inc. 2477 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
MEM
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
140
. 000
000
MHz
Cor
Smo
21 Jul 2003 12:10:26
1
1 : -1 . 0097
dB
70 . 000
000
MHz
CH1
MEM
LOG
.5 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
36 . 000
000
MHz
Cor
CH2
MEM
DEL
10 ns/
REF 20 ns
Cor
Smo
21 Jul 2003 12:07:41
KR 2477 Bandpass Filters
KR 2477 is an elliptic type bandpass filters supplied in a pcb
mountable case. Connectorized versions are available on re-
quest. Other center frequencies and bandwidths can be de-
signed. Consult the factory for other options.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Elliptic bandpass filter
• PCB mount package
• Center frequency 70 MHz
• 1 dB Bandwidth > 36 MHz
Typical Performance
www.krfilters.com
Passband Response & Group Delay
(0.5 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2477

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
logo
Keystone Electronics Co...
2477 KEYSTONE-2477 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2477 HEYCO-2477 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Molex Electronics Ltd.
2477 MOLEX-2477 Datasheet
32Kb / 2P
KK® Interconnect System - Molex
03/13/2019
2477-(P909) MOLEX11-2477-(P909) Datasheet
71Kb / 1P
CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
More results

Description similaire - 2477

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com