Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2416 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2416
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2416 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2416 Datasheet HTML 1Page - KR Electronics, Inc. 2416 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
MEM
LOG
1 dB/
REF 0 dB
Cor
PRm
CH2
MEM
DEL
10 ns/
REF 0 s
START
. 030
000
MHz
STOP
125 . 000
000
MHz
Cor
PRm
30 Apr 2002 11:19:02
CH1
MEM
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
500 . 000
000
MHz
Cor
PRm
30 Apr 2002 11:19:53
KR 2416 125 MHz Lowpass Filter
KR 2416 is a 125 MHz lowpass filter.
Other passband frequencies are
available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Surface Mount Package
• Sharp 1.48:1 Transition to Stopband
• 50 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2416

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2416 ETC2-2416 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2416 HEYCO-2416 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2416 ASSUN-2416 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
2416 ASSUN-2416 Datasheet
4Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
logo
Keystone Electronics Co...
2416 KEYSTONE-2416 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
More results

Description similaire - 2416

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com