Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2391 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2391
Description  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2391 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2391 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2391
KR Electronics
91 Avenel Street
Avenel, NJ 07001
Phone: (732) 636-1900
Fax: (732) 636-1982
KR Part Number
2391
Filter Type
Lowpass
Insertion Loss
< 1 dB
End of Passband
1.75 MHz
Passband Ripple
< 0.25 dB
1.92 MHz
< 3 dB
Start of Stopband
2.41 MHz
Stopband Attenuation
> 45 dB
Group Delay Ripple
< 50 nsec
Group Delay Control to
1.75 MHz
Source and Load Impedance
50
Ω
Dimensions inches [mm]
Specifications
Passband Amplitude & Group Delay
Overall Response
Outline Drawing
S31
DEL
50 ns/
REF 1.66 us
0.20 dB/div
10 dB/DIV
100 KHz
1 .75 MHz
100 KHz
10 MHz
1 MHz
50 nsec/div


Numéro de pièce similaire - 2391

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2391 POMONA-2391 Datasheet
33Kb / 1P
Size A Aluminum Box With Cover BNC Male/Female
logo
Bourns Electronic Solut...
2391 BOURNS-2391 Datasheet
125Kb / 2P
Model 2391 Isolated Dongle
REV. A 10/19
logo
Heyco.
2391 HEYCO-2391 Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
Keystone Electronics Co...
2391 KEYSTONE-2391 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
KR Electronics, Inc.
2391-1.75-75 KR-2391-1.75-75 Datasheet
22Kb / 2P
Lowpass Filter
More results

Description similaire - 2391

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com