Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2465 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2465
Description  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2465 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2465 Datasheet HTML 1Page - KR Electronics, Inc. 2465 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
KR 2465 30 MHz Video Filter
KR 2465 is a 30 MHz video lowpass filter with group delay
equalization. The filter is designed to be used as an antialias-
ing filter in HD 2x oversampling applications. Other options
including sin(x)/x compensation are available. Please consult
the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 30 MHz passband frequency
• <0.1 dB & < 1 nsec passband ripple
• >50 dB at 118.5 MHz
• Group delay equalization
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Amplitude & Group Delay
(0.1 dB/div & 1 nsec/div) 0.1 MHz to 30 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div) 1 MHz to 500 MHz
CH1
S 21
log MAG
.1 dB/
REF -.5 dB
START
.100 000 MHz
STOP 30.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 17 ns
1 ns/
Cor
Avg
16
Smo
PRm
13 Mar 2003 14:11:47
1
2
CH1
S 21
log MAG
5 dB/
REF 0 dB
START
1.000 000 MHz
STOP 500.000 000 MHz
Cor
PRm
13 Mar 2003 14:17:10


Numéro de pièce similaire - 2465

FabricantNo de pièceFiches techniqueDescription
logo
Keystone Electronics Co...
2465 KEYSTONE-2465 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2465 HEYCO-2465 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
2465 ABBATRON-2465 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2465 ADAFRUIT-2465 Datasheet
229Kb / 4P
PowerBoost 1000 Charger - Rechargeable 5V Lipo USB Boost @ 1A - 1000C
7/27/2015
logo
Pro-Signal
246522 PROSIGNAL-246522 Datasheet
26Kb / 1P
Scart to Scart Lead - HQ Flat Cable
More results

Description similaire - 2465

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com