Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2455 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2455
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2455 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2455 Datasheet HTML 1Page - KR Electronics, Inc. 2455 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
S21
/M
LOG
.25 dB/
REF -4.25 dB
Cor
CH2
S21
DEL
5 ns/
REF 55 ns
START
. 100
000
MHz
STOP
50 . 000
000
MHz
Cor
Smo
27 Nov 2002 10:18:06
Effective Passband & Group Delay
(0.25 dB/div & 5 nsec/div)
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
200 . 000
000
MHz
Cor
27 Nov 2002 10:18:52
KR 2455 Lowpass Filter
KR 2455 is a 45 MHz lowpass filter. The filter is group delay
equalized and includes sin(x)/x compensation for a sampling
frequency of 105 MHz. The filter can be supplied without
sin(x)/x correction. Please consult the factory for other passband
or sampling frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 45 MHz passband
• Sin(x)/x correction
• Sharp transition to 60 dB
• 50 Ω
Typical Performance
www.krfilters.com
Figure 1
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2455

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2455 POMONA-2455 Datasheet
25Kb / 1P
Connector Type N (F) Panel Receptacle
logo
Heyco.
2455 HEYCO-2455 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
2455 ABBATRON-2455 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Videk Ltd
2455-2 VIDEK-2455-2 Datasheet
213Kb / 3P
SCSI System External SCSI Cables
2455-3 VIDEK-2455-3 Datasheet
213Kb / 3P
SCSI System External SCSI Cables
More results

Description similaire - 2455

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com