Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2382 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2382
Description  HDTV Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2382 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2382 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
0.000 000 MHz
REF=1
2_:-43.318 dB
13.5 MHz
1
30.000 000 MHz
2
1
27.000 000 MHz
HDTV
Filter
KR Model
2382
Low Cost
Miniature
Near SMPTE
274M
KR Electronics
91 Avenel Street
Avenel, NJ 07001
0.2 dB/div
100 KHz
30 MHz
100 KHz
100 MHz
10 dB/DIV
KR Part Number
2382
Filter Type
Video filter for HDTV
Insertion Loss
< 5.5 dB
End of Passband
30 MHz
Effective Passband Ripple
< 0.20 dB
Atten at 37.125 MHz including Sin(x)/x
> 12 dB
Atten at 43.5 MHz Ref to 30 MHz
> 40 dB
Sin(x)/x Correction
Yes for Sampling Freq 74.25 MHz
Group Delay Ripple to 27 MHz
< 3 nsec
Insertion Delay
Approx 52 nsec
Source and Load Impedance
75
Ω
See Chrominance Filter — 15 MHz
Chrominance filter 2381
3 nsec/div
Specifications
Effective Passband & Group Delay
Overall Amplitude
Outline Drawing
Pin 1 is Input
Pin 11 is Output
Pins 2 thru 10 are Ground
Pin Dimensions .020 x .010
All dimensions in inches


Numéro de pièce similaire - 2382

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2382 POMONA-2382 Datasheet
70Kb / 1P
Single Insulated Miniature Binding Post
logo
Santronics Inc
2382 SCS-2382 Datasheet
274Kb / 1P
DUAL CONDUCTOR METAL WRIST STRAP
June 2019
logo
Adafruit Industries
2382 ADAFRUIT-2382 Datasheet
91Kb / 2P
NinjaFlex - 1.75mm Diameter - Caramel Candy - 0.5Kg
logo
Keystone Electronics Co...
2382 KEYSTONE-2382 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
Pomona Electronics
2382-0 POMONA-2382-0 Datasheet
70Kb / 1P
Single Insulated Miniature Binding Post
More results

Description similaire - 2382

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Agamem Microelectronic ...
AA8616 AGAMEM-AA8616 Datasheet
39Kb / 1P
Triple, HDTV Video Filter Dirvers
AA8617 AGAMEM-AA8617 Datasheet
39Kb / 1P
Triple, HDTV Video Filter Dirvers
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
HDTV Filter
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
HDTV Video Filter Driver
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com