Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2378 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2378
Description  Video Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2378 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2378 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Video
Filter
KR Model
2378
0.1 dB/div
100 KHz
15 MHz
100 KHz
50 MHz
10 dB/DIV
KR Part Number
2378
Filter Type
Video filter for HDTV
Insertion Loss
< 1 dB
End of Passband
14.85 MHz
Passband Ripple
< 0.10 dB
Atten at 18.563 MHz
> 12 dB
Atten at 22.275 MHz
> 40 dB
Atten at 27.1 MHz
> 50 dB
Group Delay Ripple to 10 MHz
< ± 8 nsec
Group Delay Ripple to 14.85 MHz
< ± 12 nsec
Source and Load Impedance
75
Ω
Integer number of clock delays between
Lumuinance & Chrominance filters
Chromance filter 2338
Luminance filter 2378
5 nsec/div
Specifications
Passband Amplitude & Group Delay
Overall Amplitude
All dimensions in inches
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Numéro de pièce similaire - 2378

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
2378-35-BC BOURNS-2378-35-BC Datasheet
161Kb / 2P
MSP Heavy Duty Station Protector
2378-35-HS BOURNS-2378-35-HS Datasheet
161Kb / 2P
MSP Heavy Duty Station Protector
logo
Toshiba Semiconductor
23783171 TOSHIBA-23783171 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
23783174 TOSHIBA-23783174 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
23783175 TOSHIBA-23783175 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
More results

Description similaire - 2378

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com