Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2292 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2292
Description  90째 Phase Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2292 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2292 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90° Phase
Splitter
KR 2292
KR Part Number
2292
Filter Type
90° Phase Splitter
Frequency Band
3 to 32 MHz
Phase Difference
90° ± 1°
Amplitude Balance
± 0.5 dB
Impedance all ports
50
Other frequency bands
available on request
Specifications
Overall Amplitude
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Numéro de pièce similaire - 2292

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2292 ETC2-2292 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
2292 HEYCO-2292 Datasheet
105Kb / 1P
Dome Plugs
logo
Adafruit Industries
2292 ADAFRUIT-2292 Datasheet
434Kb / 2P
Adafruit Pi Protector for Raspberry Pi Model B / Pi 2 / Pi 3 B
logo
Keystone Electronics Co...
2292 KEYSTONE-2292 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Littelfuse
2292.25 LITTELFUSE-2292.25 Datasheet
139Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
More results

Description similaire - 2292

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
QCS-312+ MINI-QCS-312+ Datasheet
130Kb / 1P
2 Way-90째 Power Splitter
QCS-332+ MINI-QCS-332+ Datasheet
129Kb / 1P
2 Way-90째 Power Splitter
QCH-63 MINI-QCH-63 Datasheet
381Kb / 3P
2 Way-90째 Power Splitter
QCS-152 MINI-QCS-152 Datasheet
305Kb / 3P
2 Way-90째 Power Splitter
QCS-592 MINI-QCS-592 Datasheet
282Kb / 3P
2 Way-90째 Power Splitter
QCS-722 MINI-QCS-722 Datasheet
284Kb / 3P
2 Way-90째 Power Splitter
QCS-981 MINI-QCS-981 Datasheet
305Kb / 3P
2 Way-90째 Power Splitter
QCV-211 MINI-QCV-211 Datasheet
338Kb / 3P
2 Way-90째 Power Splitter
QCV-271 MINI-QCV-271 Datasheet
338Kb / 3P
2 Way-90째 Power Splitter
QCH-652 MINI-QCH-652 Datasheet
451Kb / 3P
2 Way-90째 Power Splitter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com