Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2216 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2216
Description  Active Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2216 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2216 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Active
Lowpass
Filter
KR Model
2216
10 dB/DIV
KR Part Number
2216
Filter Type
700 Hz Active Lowpass Filter
Approximate -3 dB Frequency
700 Hz
Attenuation at 2300 Hz and above
>40 dB
Gain
0 dB ± 0.1 dB
Supply Voltage
± 15 V
Supply Current
7 mA max
Operating Temperature
0° C to 70° C
Storage Temperature
0° C to 70° C
Epoxy Package
All Dimensions in inches
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
Pin 1 - Input
Pin 2 - GND
Pin 3 - V-
Pin 4 - V+
Pin 5 - Output
Pin 6 - GND
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Numéro de pièce similaire - 2216

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2216 ETC1-2216 Datasheet
32Kb / 1P
high Current Toroid Inductors
2216 ETC2-2216 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
2216 ETC2-2216 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
logo
Heyco.
2216 HEYCO-2216 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Keystone Electronics Co...
2216 KEYSTONE-2216 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results

Description similaire - 2216

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
Active Lowpass Filter
2321 KR-2321 Datasheet
28Kb / 1P
Active Lowpass Filter
2360 KR-2360 Datasheet
23Kb / 1P
Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
Active Lowpass Filter
2376 KR-2376 Datasheet
15Kb / 1P
Active Lowpass Filter
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
Active Lowpass Filter
logo
Linear Technology
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com