Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2170 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2170
Description  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2170 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2170 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2170
0.1 dB/div
100 KHz
5 MHz
100 KHz
20 MHz
10 dB/DIV
KR Part Number
2170
Filter Type
Video Lowpass
Insertion Loss
< 1 dB
End of Passband
5.0 MHz
Passband Ripple
< 0.10 dB
Start of Stopband
7.25 MHz
Stopband Attenuation
> 45 dB
Group Delay Ripple
< 15 nsec
Group Delay Control to
4.5 MHz
Approximate Group Delay
550 nsec
Source and Load Impedance
75
Ω
Metal Can (5 sides)
All leads .030” diameter
Dimensions inches [mm]
10 nsec/div
Specifications
Passband Amplitude & Group Delay
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Numéro de pièce similaire - 2170

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
2170 ALPHAWIRE-2170 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Abbatron All Rights Res...
2170 ABBATRON-2170 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
KR Electronics, Inc.
2170-S KR-2170-S Datasheet
26Kb / 1P
Lowpass Filter
logo
Advantech Co., Ltd.
2170000093-01 ADVANTECH-2170000093-01 Datasheet
660Kb / 3P
Compact IoT Edge Computer with Intel® Core™ i Processor, 2 x GbE, 4 x USB 3.2, 2 x RS-232/422/485, 1 x HDMI, 1 x DP, 1 x GPIO
5-Aug-2021
2170000093-01 ADVANTECH-2170000093-01 Datasheet
1Mb / 3P
Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
More results

Description similaire - 2170

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com