Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSS-1015S Fiches technique(PDF) 3 Page - China Semiconductor Corporation

No de pièce CSS-1015S
Description  1.0 Inch Single Digit Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSS-1015S Fiches technique(HTML) 3 Page - China Semiconductor Corporation

  CSS-1015S Datasheet HTML 1Page - China Semiconductor Corporation CSS-1015S Datasheet HTML 2Page - China Semiconductor Corporation CSS-1015S Datasheet HTML 3Page - China Semiconductor Corporation CSS-1015S Datasheet HTML 4Page - China Semiconductor Corporation CSS-1015S Datasheet HTML 5Page - China Semiconductor Corporation CSS-1015S Datasheet HTML 6Page - China Semiconductor Corporation CSS-1015S Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
Peak Current Per Dice (duty cycle 1/10, 1KHz)
Operating Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
PS-ND-0711
A
Continuous Forward Current Per Dice
Derating Linear From 25
Per Dice
75
Model No CSS-1014S/1015S
30
Storage Temp.
-35 ~ +85
0.42
120
http://www.csctw.com.tw
Parameter
Rating
Reverse Voltage Per Dice
Power Dissipation Per Dice
5



Html Pages

1 2 3 4 5 6 7