Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSS-514B7 Fiches technique(PDF) 3 Page - China Semiconductor Corporation

No de pièce CSS-514B7
Description  0.56 Inch Single Digit Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSS-514B7 Fiches technique(HTML) 3 Page - China Semiconductor Corporation

  CSS-514B7 Datasheet HTML 1Page - China Semiconductor Corporation CSS-514B7 Datasheet HTML 2Page - China Semiconductor Corporation CSS-514B7 Datasheet HTML 3Page - China Semiconductor Corporation CSS-514B7 Datasheet HTML 4Page - China Semiconductor Corporation CSS-514B7 Datasheet HTML 5Page - China Semiconductor Corporation CSS-514B7 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
Peak Current Per Dice
Operating Temperature
-35 ~ +85
Storage Temperature
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
PS-ND-0807
A
Continuous Forward Current Per
Dice
Derating Linear From 25
Per
Dice
120
Model No CSS-514B7/515B7
30
5
0.4
100
http://www.csctw.com.tw
Parameter
Rating
Reverse Voltage Per Dice
Power Dissipation Per Dice



Html Pages

1 2 3 4 5 6