Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-5622G Fiches technique(PDF) 3 Page - China Semiconductor Corporation

No de pièce CSD-5622G
Description  0.56 Inch Dual Digits Display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5622G Fiches technique(HTML) 3 Page - China Semiconductor Corporation

  CSD-5622G Datasheet HTML 1Page - China Semiconductor Corporation CSD-5622G Datasheet HTML 2Page - China Semiconductor Corporation CSD-5622G Datasheet HTML 3Page - China Semiconductor Corporation CSD-5622G Datasheet HTML 4Page - China Semiconductor Corporation CSD-5622G Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/4
Derating Linear From 25
Per Dice
0.33
Operating Temp.
Storage Temp.
-35 ~ +85
-35 ~ +85
http://www.csctw.com.tw
5
90
25
Parameter
Rating
PS-ND-08071928
A
Power Dissipation Per Dice
Peak Current Per Dice(Duty cycle 1/10,1KHz)
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Continuous Forward Current Per Dice
Reverse Voltage Per Dice
70
Model No CSD-5622/5623G



Html Pages

1 2 3 4 5