Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC823ADB Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce SN74LVC823ADB
Description  9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC823ADB Fiches technique(HTML) 13 Page - Texas Instruments

Back Button SN74LVC823ADB Datasheet HTML 6Page - Texas Instruments SN74LVC823ADB Datasheet HTML 7Page - Texas Instruments SN74LVC823ADB Datasheet HTML 8Page - Texas Instruments SN74LVC823ADB Datasheet HTML 9Page - Texas Instruments SN74LVC823ADB Datasheet HTML 10Page - Texas Instruments SN74LVC823ADB Datasheet HTML 11Page - Texas Instruments SN74LVC823ADB Datasheet HTML 12Page - Texas Instruments SN74LVC823ADB Datasheet HTML 13Page - Texas Instruments SN74LVC823ADB Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14