| Moteur de recherche de fiches techniques de composants électroniques |
|
CT0805HT-R15G Fiches technique(PDF) 1 Page - Central Technologies |
|
|
|||||||||||||||||||||||||||||
CT0805HT-R15G Fiches technique(HTML) 1 Page - Central Technologies |
|
|
1 / 1 page ![]() Wire-wound Chip Inductors - Open ctparts.com Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2003 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL 02.14.05 Size A B C D E F Max. Max. Max. mm 2.16 1.52 0.89 0.43 1.14 1.27 inches 0.085 0.060 0.035 0.016 0.045 0.05 PHYSICAL DIMENSIONS SPECIFICATIONS Please specify tolerance code when ordering. CT0805HT-4N7_ G = ±2%, J = ±5%, K = ±10% * = J or K only CT0805HTF Please specify “F” for RoHS compliant L Test Q Q Test SRF DCR Rated Part Inductance Freq. Fact. Freq. Min. Max. DC Number (nH) (MHz) Min. (MHz) (MHz) ( Ω Ω) (mA) CT0805HT_-1N8K 1.8 250 55 1500 9400 0.03 800 CT0805HT_-3N9K 3.9 250 50 1000 6100 0.06 800 CT0805HT_-4N7_* 4.7 250 50 1000 5500 0.06 800 CT0805HT_-6N8_* 6.8 250 50 1000 5500 0.08 800 CT0805HT_-8N2_* 8.2 250 50 1000 4800 0.08 800 CT0805HT_-10N_ 10 250 55 750 3300 0.08 800 CT0805HT_-12N_ 12 250 55 750 3800 0.1 800 CT0805HT_-15N_ 15 250 50 500 2950 0.1 800 CT0805HT_-18N_ 18 250 50 500 3100 0.13 800 CT0805HT_-22N_ 22 250 50 500 2900 0.15 800 CT0805HT_-27N_ 27 250 50 500 2450 0.23 600 CT0805HT_-33N_ 33 250 55 500 2350 0.28 600 CT0805HT_-39N_ 39 250 55 500 2200 0.33 600 CT0805HT_-47N_ 47 200 50 500 2000 0.39 600 CT0805HT_-56N_ 56 200 50 500 1850 0.39 500 CT0805HT_-68N_ 68 200 50 500 1500 0.4 500 CT0805HT_-82N_ 82 150 50 500 1500 0.44 500 CT0805HT_-R10_ 100 150 50 500 1200 0.64 400 CT0805HT_-R12_ 120 150 40 250 1150 0.68 300 CT0805HT_-R15_ 150 150 40 250 1050 0.8 300 CT0805HT_-R18_ 180 150 40 250 950 0.9 300 CT0805HT_-R22_ 220 150 40 250 900 0.98 300 CT0805HT_-R27_ 270 150 40 250 850 1.3 300 CT0805HT_-R33_ 330 100 40 250 800 1.45 300 CT0805HT_-R39_ 390 100 35 250 700 1.6 300 CT0805HT_-R47_ 470 50 25 100 600 1.8 300 CT0805HT_-R56_ 560 25 18 50 550 1.9 300 CT0805HT_-R62_ 620 25 18 50 450 2 300 CT0805HT_-R68_ 680 25 18 50 420 2.1 300 CT0805HT_-R75_ 750 25 18 50 400 2.2 300 CT0805HT_-R82_ 820 25 18 50 400 2.5 300 CT0805HT_-1R0_ 1000 25 17 50 330 2.6 300 CT0805HT Series From 1.8 nH to 1000 nH Not shown at actual size. CHARACTERISTICS Description: SMD ceramic core wire-wound chip inductor Applications: LC resonant circuits such as oscillator and signal generators, impedance matching, circuit isolation, RF filters, disk drives and computer peripherals, audio and video equipment, TV, radio and telecommunication equipment Operating Temperature: -40°C to +125°C Storage Temperature: -25°C to +85°C Inductance Tolerance: ±2%, ±5%, ±10% Testing: Inductance and Q are tested on an HP4287A at specified frequency Packaging: Tape & Reel Miscellaneous: RoHS Compliant available. Marking: Color dot Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. PAD LAYOUT RoHS Compliant Available |
Numéro de pièce similaire - CT0805HT-R15G |
|
Description similaire - CT0805HT-R15G |