| Moteur de recherche de fiches techniques de composants électroniques |
|
AME385AEAS Fiches technique(PDF) 9 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AME385AEAS Fiches technique(HTML) 9 Page - Analog Microelectronics |
|
9 / 14 page ![]() AME 9 AME385-1.2 Shunt Bandgap Voltage Reference Rev.G.03 Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size TO-92-2 12.7±0.2 mm 2000pcs N/A 18.0 +1.0 -0.5 mm Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size TO-92-3 12.7±0.2 mm 2000pcs N/A 18.0 +1.0 -0.5 mm n Tape and Reel Dimension TO-92-3 Carrier Tape, Number of Components Per Reel and Reel Size TO-92-2 Carrier Tape, Number of Components Per Reel and Reel Size W P AME AME PIN 1 W P PIN 1 AME AME |