Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AND156SYP Fiches technique(PDF) 2 Page - Purdy Electronics Corporation

No de pièce AND156SYP
Description  AS AIInGaP Super Yellow Light Emission
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PURDY [Purdy Electronics Corporation]
Site Internet  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND156SYP Fiches technique(HTML) 2 Page - Purdy Electronics Corporation

  AND156SYP Datasheet HTML 1Page - Purdy Electronics Corporation AND156SYP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND156SYP
AS AIInGaP Super Yellow Light Emission
Ultra Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/18/07
Radiation Characteristics
0
10
20
30
40
50
60
70
80
90
00.5
Relative Intensity vs. Wavelength
500
550
600
650
700
0.2
0.4
0.6
0.8
1.0
Wavelength (nm)
Forward Current vs. Forward Voltage
1.0
1.5
2.0
2.5
3.0
3.5
10
20
30
40
50
Forward Voltage (V)
Forward Current vs. Relative Intensity
0
10
20
30
40
50
0.5
1.0
1.5
2.0
2.5
Forward Current (mA)
Forward Current vs. Ambient Temp.
0
20
40
60
80
100
10
20
30
40
50
Relative Intensity vs. Ambient Temp.
25
35
45
55
65
0.0
0.5
1.0
1.5
2.0
Ambient Temperature Ta (ºC)
0.0
30
40
50
60
70
Radiation Angle
1.0
0
0.5
1.0
Ambient Temperature Ta (ºC)
0
0
0.0
When the LEDs are connected using serial circuit,
if either one of the LEDs does not light up, then
current will not flow causing the other LEDs to not
light up. In the new design, the LEDs are in parallel
with the zener diodes. If either one of the LEDs
does not light up, current can still flow through
causing the others to light up.



Html Pages

1 2