Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCX15ANC Fiches technique(PDF) 4 Page - Sensortechnics GmbH

No de pièce SCX15ANC
Description  Low cost compensated pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCX15ANC Fiches technique(HTML) 4 Page - Sensortechnics GmbH

  SCX15ANC Datasheet HTML 1Page - Sensortechnics GmbH SCX15ANC Datasheet HTML 2Page - Sensortechnics GmbH SCX15ANC Datasheet HTML 3Page - Sensortechnics GmbH SCX15ANC Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCX...C Series
Low cost compensated pressure sensors
4/4
August 2005 / 060
www.sensortechnics.com
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any
liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent
rights nor the rights of others.
Description
Xmas tree clip
6-pin right angle socket
Pressure tubing clamp
ORDERING INFORMATION
To order, use the following part number(s)
Mounting Accessories
Description
0 to 1 psi differential/gage
0 to 5 psi differential/gage
0 to 15 psi absolute
0 to 15 psi differential/gage
0 to 30 psi absolute
0 to 30 psi differential/gage
0 to 100 psi absolute
0 to 100 psi differential/gage
0 to 150 psi differential/gage
Part Number
SCX01DNC
SCX05DNC
SCX15ANC
SCX15DNC
SCX30ANC
SCX30DNC
SCX100ANC
SCX100DNC
SCX150DNC
Part number
SCXCLIP
SCXCNCT
SCXSNP1
PHYSICAL DIMENSIONS
mass: 10 g
dimensions in inches (mm)



Html Pages

1 2 3 4