| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS232B Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ALS232B Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() SN74ALS232B 16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY SCAS251B – FEBRUARY 1989 – REVISED APRIL 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† CT = 0 9 EN4 1 OE 2D 4 D0 Q0 13 5 D1 Q1 12 6 D2 Q2 11 7 D3 Q3 10 15 UNCK 14 (CT = 0) G3 2 (CT = 16) G1 3 LDCK FIFO 16 × 4 CTR RST FULL EMPTY 3– 1(+/C2) 4 † This symbol is in accordance with ANSI/IEEE Standard 91-1984 and IEC Publication 617-12. The symbol is functionally accurate but does not show the details of implementation; for these, see the logic diagram. The symbol represents the memory as if it were controlled by a single counter whose content is the number of words stored at the time. Output data is invalid when the counter content (CT) is 0. Pin numbers shown are for the DW and N packages. |