| Moteur de recherche de fiches techniques de composants électroniques |
|
API4000M2 Fiches technique(PDF) 8 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
API4000M2 Fiches technique(HTML) 8 Page - Aplus Intergrated Circuits |
|
8 / 15 page ![]() INTEGRATED API4000M SERIES CIRCUITS INC. VOICE OTP MODULE Ver1.1 8 D. Input & Output Data By the 2 Instruction INPUT and OUTPUT, Data can pass inside API4000M, or connect with outside. The following is the description about each Data Port’s act. 1. Input Data Port (1) PA ﹕Input Data Port A is a value consists of Input Pin PIO3 ~ PIO0 and PI3 ~ PI0, Following is their correspondent. PA bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Input Pin PIO3 PIO2 PIO1 PIO0 PI3 PI2 PI1 PI0 PS ﹕If PIO3 ~ PIO0 or PI2 ~ PI0 are set to Out Pin, bit7 ~ bit4 or bit2 ~ bit0 will be Unknown State. (2) PB ﹕Input Data Port B can make Melody change Channel code of instrument and Instrument Code, Each bit of PB has following act. PB bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Item - C1 C0 Inst4 Inst3 Inst2 Inst1 Inst0 PS﹕ (1). Inst4~Inst0 ﹕Code of Instrument, 0 ~ 31 total 32 type, set as Melody Compiling. (2). C1,C0 ﹕Code of Channel﹔ C1=1,C0=1 is CH1 ﹔ C1=0,C0=0 is CH2 ﹔ C1=0,C0=1 is CH3 ﹔ C1=1,C0=0 is CH4 ﹔ (3) PC ﹕Input Data Port C is display End State of each channel, each pin of PC has following act. PC bit7 Bit6 bit5 bit4 bit3 bit2 bit1 bit0 Item - - - - Sn4 Sn3 Sn2 Sn1 PS﹕ (1). Sn4 , Sn3 , Sn2 and Sn1 displayed Channel CH4 , CH3 , CH2 and CH1 if had happen Sound End, state 1 means Soind End. 2. Output Data Port (1) PA ﹕Output Data Port A consists of Output Pin PIO3 ~ PIO0 and PO3 ~ PO0, each bit of PA after API4000M power on, the initial state is 0, each pin of PA has following act. PA bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Output Pin PIO3 PIO2 PIO1 PIO0 PO3 PO2 PO1 PO0 PS ﹕If PIO3 ~ PIO0 are set to Input Pin, bit7 ~ bit4 will not affect PIO3 ~ PIO0 of state. |