| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT3631PCB Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3631PCB Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 26 page ![]() SN74ACT3631 512 × 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS246G – AUGUST 1993 – REVISED APRIL 1998 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKB B0 – B35 ENB OR tsu(EN) th(EN) ta W0 W1 High tsu(EN) th(EN) RTM RFM ta W2 ta W0 ta W1 Initiate Retransmit Mode With W0 as First Word Retransmit From Selected Position tsu(EN) th(EN) tsu(EN) th(EN) tsu(EN) th(EN) End Retransmit Mode NOTE A: CSB = L, W/RB = H, MBB = L. No input enables other than RTM and RFM are needed to control retransmit mode or begin a retransmit. Other enables are shown only to relate retransmit operations to the FIFO output register. Figure 10. Retransmit Timing Showing Minimum Retransmit Length th(RM) CLKB AE RTM High RFM tsu(RM) 12 tpd(C-AE) X or Fewer Words From Empty (X + 1) or More Words From Empty NOTE A: X is the value loaded in the AE flag offset register. Figure 11. AE Maximum Latency When Retransmit Increases the Number of Stored Words Above X |