Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24PC0070D5CS Fiches technique(PDF) 5 Page - Sensortechnics GmbH

No de pièce 24PC0070D5CS
Description  Pressure sensors with special fittings and sealings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0070D5CS Fiches technique(HTML) 5 Page - Sensortechnics GmbH

  24PC0070D5CS Datasheet HTML 1Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 2Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 3Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 4Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 5Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 6Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 7Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 8Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
5/12
May 2008 / 593
www.sensortechnics.com
2xPCxxxxG
2Hx
(M5 thread, pinning 2 x 2)
mass: 2 g
dimensions in mm
OUTLINE DRAWINGS
FOR GAGE DEVICES
2xPCxxxxG
6Hx
(M5 thread, pinning 1 x 4)
mass: 2 g
dimensions in mm
Ø7,2
12,7
2,29
4x0,5
3x2,54
1,27
4x1,02
Notch
Pin 1
4x0,41
Ø1,3
7,9
M5
Ø1,3
P2
4x0,41
8,4
7,9
1
2
3
4
12,7
4 x
1,02
2,54
4x0,5
5,08
Notch
Pin 1
M5
Ø1,3
Ø7,2
P2
Specification note:
3. Recommended O-ring: Ø 3,68 x 1,78, SH70,
recommended counter bore dimensions: Ø 7,62 x 1,02 deep
Tightening torque3:
Max. 67 Ncm
Tightening torque3:
Max. 67 Ncm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12