Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HZ2C2 Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce HZ2C2
Description  SILICON EPITAXIAL PLANER ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HZ2C2 Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  HZ2C2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HZ2C2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. HZ2C2 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. HZ2C2 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HZ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Reverse Current
Dynamic Resistance
Type
Min. (V)
Max. (V)
at lZ (mA)
IR (µA) Max.
at VR (V)
rd (Ω) Max.
at lZ (mA)
HZ5A1
4.3
4.5
HZ5A2
4.4
4.6
HZ5A3
4.5
4.7
HZ5B1
4.6
4.8
HZ5B2
4.7
4.9
HZ5B3
4.8
5
HZ5C1
4.9
5.1
HZ5C2
5
5.2
HZ5C3
5.1
5.3
5
5
1.5
100
5
HZ6A1
5.2
5.5
HZ6A2
5.3
5.6
HZ6A3
5.4
5.7
HZ6B1
5.5
5.8
HZ6B2
5.6
5.9
HZ6B3
5.7
6
HZ6C1
5.8
6.1
HZ6C2
6
6.3
HZ6C3
6.1
6.4
5
5
2
40
5
HZ7A1
6.3
6.6
HZ7A2
6.4
6.7
HZ7A3
6.6
6.9
HZ7B1
6.7
7
HZ7B2
6.9
7.2
HZ7B3
7
7.3
HZ7C1
7.2
7.6
HZ7C2
7.3
7.7
HZ7C3
7.5
7.9
5
1
3.5
15
5
HZ9A1
7.7
8.1
HZ9A2
7.9
8.3
HZ9A3
8.1
8.5
HZ9B1
8.3
8.7
HZ9B2
8.5
8.9
HZ9B3
8.7
9.1
HZ9C1
8.9
9.3
HZ9C2
9.1
9.5
HZ9C3
9.3
9.7
5
1
5
20
5
HZ11A1
9.5
9.9
HZ11A2
9.7
10.1
HZ11A3
9.9
10.3
HZ11B1
10.2
10.6
HZ11B2
10.4
10.8
HZ11B3
10.7
11.1
HZ11C1
10.9
11.3
HZ11C2
11.1
11.6
HZ11C3
11.4
11.9
5
1
7.5
25
5
HZ12A1
11.6
12.1
HZ12A2
11.9
12.4
HZ12A3
12.2
12.7
HZ12B1
12.4
12.9
HZ12B2
12.6
13.1
5
1
9.5
35
5



Html Pages

1 2 3 4