Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC574ADGVR Fiches technique(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LVC574ADGVR
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC574ADGVR Fiches technique(HTML) 19 Page - Texas Instruments

Back Button SN74LVC574ADGVR Datasheet HTML 15Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 16Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 17Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 18Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 19Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 20Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 21Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 22Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25