Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS14 Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce SS14
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SS14 Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SS14 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SS14 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 11/04/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SS12 THRU SS110
INSTANTANEOUS FORWARD VOLTAGE, V
0.4
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, V
0.1
2
20
00.2
400
200
0.01
0.1
SS12-SS14
10
1
SS15-SS110
100
Tj=25 C
1.2
0.6
0.8
1.0
SS18-SS110
SS15-SS16
SS12-SS14
1.6
1.4
Tj=25 C
Fig.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1
10
50
o
TJ=75 C
TJ=25 C
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
0.01
0
0
1.0
40
20
60
o
80
100
TJ=100 C
Fig.4- TYPICAL REVERSE CHARACTERISTICS
1000
100
10
o
o
Fig.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PULSE DURATION, sec.
10
0.1
1
0.01
0.1
1
100
100
10
Single phase, half wave 60Hz,
resistive or inductive load
50
AMBIENT TEMPERATURE, ( C)
FIG.1-FORWARD CURRENT DERATING CURVE
SS12-SS14
SS15-SS110
0
0
0.2
0.4
25
1.0
0.6
0.8
150
100
75
125
175
NUMBER OF CYCLES AT 60 Hz
Fig.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
1
8
16
10
24
32
40
100



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com