| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS673 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS673 Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 16 page ![]() MECHANICAL DATA MCFP007 – OCTOBER 1994 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 W (R-GDFP-F24) CERAMIC DUAL FLATPACK 4040180-5 / B 03/95 1.115 (28,32) 0.090 (2,29) 0.375 (9,53) 0.019 (0,48) 0.030 (0,76) 0.045 (1,14) 0.006 (0,15) 0.045 (1,14) 0.015 (0,38) 0.015 (0,38) 0.026 (0,66) 0.004 (0,10) 0.340 (8,64) 0.840 (21,34) 124 0.360 (9,14) 0.240 (6,10) 13 12 Base and Seating Plane 30 ° TYP 0.360 (9,14) 0.240 (6,10) 0.395 (10,03) 0.360 (9,14) 0.640 (16,26) 0.490 (12,45) 0.050 (1,27) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Falls within MIL-STD-1835 GDFP2-F24 and JEDEC MO-070AD E. Index point is provided on cap for terminal identification only. |