| Moteur de recherche de fiches techniques de composants électroniques |
|
CLC1001ISO8 Fiches technique(PDF) 2 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CLC1001ISO8 Fiches technique(HTML) 2 Page - Cadeka Microcircuits LLC. |
|
2 / 17 page ![]() Data Sheet ©2007-2008 CADEKA Microcircuits LLC www.cadeka.com 2 SOT23 Pin Assignments Pin No. Pin Name Description 1 OUT Output 2 -VS Negative supply 3 +IN Positive input 4 -IN Negative input 5 DIS Disable. Enabled if pin is left floating or pulled above VON, disabled if pin is grounded or pulled below VOFF. 6 +VS Positive supply SOIC Pin Assignments Pin No. Pin Name Description 1 NC No connect 2 -IN1 Negative input 3 +IN1 Positive input 4 -VS Negative supply 5 NC No connect 6 OUT Output 7 +VS Positive supply 8 DIS Disable. Enabled if pin is left floating or pulled above VON, disabled if pin is grounded or pulled below VOFF. SOT23 Pin Configuration 2 3 6 4 +IN +VS -IN 1 -VS OUT - + 5 DIS SOIC Pin Configuration 2 3 4 5 6 7 8 +IN1 DIS OUT NC 1 -IN1 NC -VS +VS |