| Moteur de recherche de fiches techniques de composants électroniques |
|
CDK8307 Fiches technique(PDF) 14 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CDK8307 Fiches technique(HTML) 14 Page - Cadeka Microcircuits LLC. |
|
14 / 29 page ![]() ©2009 CADEKA Microcircuits LLC www.cadeka.com 14 PRELIMINARY Data Sheet LCLKP LCLKN Dxx<1:0> tdata TLVDS TLVDS/2 LCLKP LCLKN FCLKN FCLKP Dxx<1:0> ADC Clock Analog Input D10 N-2 D11 N-2 D0 N-1 D1 N-1 D2 N-1 D3 N-1 D4 N-1 D5 N-1 D6 N-1 D7 N-1 D8 N-1 D9 N-1 D10 N-1 D11 N-1 D0 N D1 N D2 N D3 N D4 N D5 N D6 N D7 N D8 N D9 N D10 N TLVDS TPROP LCLKP LCLKN FCLKN FCLKP Dxx<1:0> ADC Clock Analog Input D0 N-1 D1 N-1 D2 N-1 D3 N-1 D4 N-1 D5 N-1 D6 N-1 D7 N-1 D8 N-1 D9 N-1 D10 N-1 D11 N-1 D12 N-1 D13 N-1 D1 N D3 N D2 N D5 N D0 N D4 N D6 N D7 N D8 N D9 N D10 N D11 N D12 N D13 N TLVDS TPROP LCLKP LCLKN FCLKN FCLKP Dxx<1:0> ADC Clock Analog Input D10 N-2 D11 N-2 D0 N-1 D1 N-1 D2 N-1 D3 N-1 D4 N-1 D5 N-1 D6 N-1 D7 N-1 D8 N-1 D9 N-1 D10 N-1 D11 N-1 D1 N D3 N D2 N D5 N D0 N D4 N D6 N D7 N D8 N D9 N D10 N TLVDS TPROP LVDS Timing Diagrams Figure 1. 12-bit Output, DDR Mode Figure 2. 14-bit Output, DDR Mode Figure 3. 12-bit Output, SDR Mode Figure 4. Data Timing |