1 / 3 page

Dated : 07/04/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1SS511WS
SWITCHING DIODE
Features
• Ultra high speed switching application
• Low forward voltage
• Fast reverse recovery time
• Small total capacitance
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
80
V
Peak Reverse Voltage
VRM
85
V
Average Forward Current
IO
100
mA
Peak Forward Current
IFM
300
mA
Surge Forward Current (10 ms)
IFSM
2
A
Power Dissipation
Ptot
150
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
1.2
V
Reverse Current
at VR = 80 V
IR
0.5
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
Ctot
4
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 0.1 X IR , RL = 100 Ω
trr
4
ns
Anode
2
Top View
Marking Code: "W2"
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
W2