| Moteur de recherche de fiches techniques de composants électroniques |
|
ND3FC10P-R Fiches technique(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
ND3FC10P-R Fiches technique(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
1 / 7 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 11-07 8mm Process Sealed SMT DIP Rotaries Series ND3 Distinctive Characteristics Sealed construction prevents contact contamination and allows vapor phase and IR reflow soldering. Sealed design accomplished with seals between the actuator and housing and between housing and base. Highly visible legends and choice of screwdriver or shaft actuation to provide trouble-free code setting. Detent mechanism designed for crisp, positive action for accurate switch setting. Bifurcated, spring loaded contacts give unmatched logic-level reliability. Heat tolerant resin used for body meets UL flammability rating of 94V-0 and maintains switch reliability through vapor phase and infrared convection reflow soldering. Gull-winged terminals ensure mechanical stability during soldering and simplified solder joint inspection. .100” (2.54mm) terminal grid spacing between pin centers, plus 3-by-3 terminal arrangement for pad layout pattern equivalent to industry standard. Epoxy sealed terminals lock out flux, solvents, and other contaminants. Packaging in tape-reel or partitioned tray. Tape-reel packaging meets EIA-481-2 Standard. Coplanarity: all considered surfaces must lie between two parallel planes that are a maximum distance apart of .0059” (0.15mm). (Additional coplanarity details in Terms and Acronyms in the Supplement section.) Actual Size |
Numéro de pièce similaire - ND3FC10P-R |
|
Description similaire - ND3FC10P-R |