Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML9266 Fiches technique(PDF) 5 Page - Minilogic Device Corporation Limited

No de pièce ML9266
Description  Step-up DC/DC converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINILOGIC [Minilogic Device Corporation Limited]
Site Internet  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML9266 Fiches technique(HTML) 5 Page - Minilogic Device Corporation Limited

  ML9266 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■ Package Dimensions
● SOT-89-5
Units: mm
Symbol
Min
Max
A
1.400
1.600
b
0.360
0.520
B
2.400
2.600
b1
0.406
0.533
C
--
4.250
C1
0.800
--
D
4.400
4.600
D1
--
1.700
e
1.400
1.600
H
0.380
0.430
● SOT-26
Units: mm
Symbol
Min
Max
A
0.889
1.295
A1
--
0.152
B
1.397
1.803
b
0.356
0.559
C
2.591
2.997
D
2.692
3.099
e
0.838
1.041
H
0.102
0.254
L
0.356
0.610
ML9266
IPCore
F1
H1
H2
H2
M1
M2
M6
M3
M4
M5
M7
M6
M5
1
3
2
5
4
DISCLAIMER:
The information presented in this document does not form part of any quotation or contract, is believed to be
accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any
P5 / 5
Rev. D, May 2008



Html Pages

1 2 3 4 5