| Moteur de recherche de fiches techniques de composants électroniques |
|
FFS-R33A5 Fiches technique(PDF) 1 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
FFS-R33A5 Fiches technique(HTML) 1 Page - JDS Uniphase Corporation |
|
1 / 3 page ![]() COMMUNICATIONS COMPONENTS Key Features • Visible wavelength operation • All fiber — no lens alignment • No unwanted reflections • Low light loss • High power handling The JDSU visible light fused fiber coupler is a compact, low loss, fused component (1x2, 2x2) that is bidirectional and splits or combines visible optical signals. It is designed for use in display systems, test equipment, fiberoptic research, and fiber sensors. The coupler uses advanced fused fiber technology to provide optimum performance at wavelengths within the visible light spectrum. No light leaves the fiber and therefore no alignment is required; and there are no unwanted reflections. Furthermore the output fiber pigtails may be directly integrated into beam delivery systems. Applications • Visible and display systems •Sensors • Biomedical equipment • Research Fused Coupler, Visible Light NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU |
Numéro de pièce similaire - FFS-R33A5 |
|
Description similaire - FFS-R33A5 |