| Moteur de recherche de fiches techniques de composants électroniques |
|
SNJ54GTL16612WD Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SNJ54GTL16612WD Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 13 page ![]() www.ti.com PARAMETER MEASUREMENT INFORMATION th tsu From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT FOR A OUTPUTS S1 6 V Open GND 500 Ω 500 Ω TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 6 V GND tPLH tPHL Output Control (see Note B) Output Waveform 1 S1 at 6 V (see Note C) Output Waveform 2 S1 at GND (see Note C) VOL VOH tPZL tPZH tPLZ tPHZ 3 V 0 V VREF VREF VTT VOL 0 V VOL + 0.3 V VOH − 0.3 V ≈0 V 3 V 0 V 0 V 3 V 0 V VM V VM V tw Input (see Note B) 3 V 3 V 3 V VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (A port to B port)(1) VOLTAGE WAVEFORMS PULSE DURATION (VM = 1.5 V for A port and VREF for B port)(1) VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES (A port) Timing Input Data Input A Port Output Input VTT Test Point CL = 30 pF (see Note A) From Output Under Test 25 Ω LOAD CIRCUIT FOR B OUTPUTS tPLH tPHL 0 V VOH VOL Input (see Note B) VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (B port to A port)(1) Output VTT VREF VREF VREF VREF 0 V VTT Data Input B Port (1) All control inputs are TTL levels. NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. C. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. D. The outputs are measured one at a time, with one transition per measurement. 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V SN54GTL16612, SN74GTL16612 18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS SCBS480K – JUNE 1994 – REVISED JULY 2005 V TT = 1.2 V, VREF = 0.8 V for GTL and VTT = 1.5 V, VREF = 1 V for GTL+ Figure 1. Load Circuits and Voltage Waveforms 8 |