| Moteur de recherche de fiches techniques de composants électroniques |
|
FFCKSAS0 Fiches technique(PDF) 1 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
FFCKSAS0 Fiches technique(HTML) 1 Page - JDS Uniphase Corporation |
|
1 / 3 page ![]() COMMUNICATIONS COMPONENTS Key Features • High-power handling • Wide range of regular parts readily available • Proven reliability The fused coupler, low loss, C+L band or S band enables the accurate splitting and monitoring of optical signals in single-mode fiber. In addition, JDSU manufacturing technology provides uniquely low excess loss and wavelength dependence, along with low polarization and temperature dependence for both signal and tap ports. These high-performance standard parts are available in a variety of tap ratios, operating wavelengths, and housing and connector options, and can therefore be specified in a wide range of applications, enabling rapid design cycles and new project builds. Applications • Signal monitoring in C+L band EDFA or RAMAN amplifier • Network expansion • Network monitoring Compliance • Telcordia GR-1221 Fused Coupler, Single Window, Low loss C+L Band or S Band FFCK Series NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU |
Numéro de pièce similaire - FFCKSAS0 |
|
Description similaire - FFCKSAS0 |