| Moteur de recherche de fiches techniques de composants électroniques |
|
FWS-200022012 Fiches technique(PDF) 2 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
FWS-200022012 Fiches technique(HTML) 2 Page - JDS Uniphase Corporation |
|
2 / 3 page ![]() 2 AMPLIFIED SPONTANEOUS EMISSION NOISE REJECTION FILTER Performance (Model 1) 1520 1530 1540 1550 1560 1570 -40 15 15 -35 -30 -25 -20 -15 -10 -5 0 5 WAVELENGTH (nm) Specifications Parameter Model 1 Model 2 Model 3 Pass wavelength range λP 1535 to 1565 nm 1537 to 1565 nm 1544 to 1565 nm Rejection wavelength range λR 1510 to 1530 nm 1510 to 1532 nm 1510 to 1538 nm Insertion loss at λP Maximum 0.6 dB 0.6 dB 0.6 dB Flatness at λP Maximum 0.3 dB 0.3 dB 0.3 dB Isolation at λR Minimum 20 dB 20 dB 20 dB Optical return loss Minimum 50 dB 50 dB 50 dB Polarization dependent loss Maximum 0.05 dB 0.05 dB 0.05 dB Polarization mode dispersion Maximum 0.1 ps 0.1 ps 0.1 ps Temperature dependent loss Maximum 0.1 dB 0.1 dB 0.1 dB Optical Power Maximum 500mW 500mW 500mW Tensile load Maximum 5 N 5 N 5 N Operating temperature -5 to 75 °C -5 to 75 °C -5 to 75 °C Storage temperature -40 to 85 °C -40 to 85 °C -40 to 85 °C Package dimensions (D x L) 250 µm 5.5 x 30 mm (Standard) 5.5 x 30 mm (Standard) 5.5 x 30 mm (Standard) 3.2 x 30 mm (Miniature) 3.2 x 30 mm (Miniature) 3.2 x 30 mm (Miniature) 900 µm 5.5 x 40 mm (Standard) 5.5 x 40 mm (Standard) 5.5 x 40 mm (Standard) 3.2 x 40 mm (Miniature) 3.2 x 40 mm (Miniature) 3.2 x 40 mm (Miniature) Fiber length >1.0 m >1.0 m >1.0 m |