Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWS20009-A Fiches technique(PDF) 7 Page - JDS Uniphase Corporation

No de pièce SWS20009-A
Description  Swept Wavelength System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SWS20009-A Fiches technique(HTML) 7 Page - JDS Uniphase Corporation

  SWS20009-A Datasheet HTML 1Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 2Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 3Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 4Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 5Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 6Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 7Page - JDS Uniphase Corporation SWS20009-A Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Continued
SWEPT WAVELENGTH SYSTEM (SWS-OMNI EXPANSION SERIES)
Ty pical Group Delay Perfor mance Cu r ves (3
σ)
Ty pical Differential Group Delay Perfor mance Cu r ves (3
σ)
SWS-OMNI Virtual Modulation Frequency Feature (VMFF)
To improve the group delay noise and resolution, conventional modulation
phase measurement techniques often employ an adjustable modulation
frequency, which needs to be set before measurements are made. In contrast,
the SWS-OMNI system uses the proprietary VMFF. All swept group delay
measurements are made at a fixed modulation frequency (192 MHz) optimized
for the 3 pm wavelength sampling step of the SWS. The data is then
post-processed to achieve higher effective modulation.
Performance Curves



Html Pages

1 2 3 4 5 6 7 8