Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRQ74-6R8-R Fiches technique(PDF) 5 Page - Cooper Bussmann, Inc.

No de pièce DRQ74-6R8-R
Description  Dual Winding, Shielded Inductors/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRQ74-6R8-R Fiches technique(HTML) 5 Page - Cooper Bussmann, Inc.

  DRQ74-6R8-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRQ74-6R8-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRQ74-6R8-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRQ74-6R8-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRQ74-6R8-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRQ74-6R8-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRQ74-6R8-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1207
BU-SB07326
Page 5 of 7
Data Sheet 4311
2.50
2.05
10.0
Bottom View
2.00
1
2
12.5
Max
4
3
1
2
DRQ127
###
wwll yy R
4
3
•
Dual Inductor Mode
Series Mode
3.85
13.80
Recommended Pad Layout
13.80
0.50
3.85
1
2.50
2
0.50
4
3
12.5
Max
8.0
Max
Side View
Top View
Schematic
34
Dual Inductor
1
L1
2
L2
3
Series Mode
L1
1
L2
L2
Parallel Mode
43
1
2
L1
2
4
2.50
2.05
12.5
Max
10.0
2.00
1
2
4
3
12.5
Max
Bottom View
Side View
Top View
6.00 Max
1
2
DRQ125
###
wwlly y R
4
3
•
Dual Inductor Mode
Series Mode
3.85
13.80
Recommended Pad Layout
13.80
1
0.50
2
3.85
1
4
2.50
3
2
0.50
4
3
Schematic
Series Mode
L1
L1L2
34
3
Dual Inductor
12
1
L2
L1
L2
4
3
4
Parallel Mode
2
1
2
Dimensions - mm
DRQ125 Series
DRQ127 Series
Dimensions in millimeters.
### = Inductance value per family chart
wwllyy = (date code) R = revision level
Dot indicates pin #1



Html Pages

1 2 3 4 5 6 7