| Moteur de recherche de fiches techniques de composants électroniques |
|
P3921 Fiches technique(PDF) 1 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
P3921 Fiches technique(HTML) 1 Page - ETAL Group |
|
1 / 4 page ![]() ETALDOC 785/3 Page 1 of 4 January 2004 PRODUCT DATA SHEET HDSL2/G.SHDSL Transformer P3921 Features Applications ∗ Lead-free (Pb-free) ∗ Globespan chipset GS2237 ∗ Low Distortion ∗ G.SHDSL ∗ IEC 950 and UL 60950 Certified ∗ HDSL2 ∗ UL Recognized Component ∗ Supplementary Insulation ∗ Surface Mount ∗ Industry Standard Footprint DESCRIPTION P3921 is a low distortion transformer for HDSL2 and G.SHDSL applications. P3921 is certified to safety standards IEC 950 and UL 60950 for supplementary insulation, 250V working voltage. P3921 is a UL Recognized Component and is supported by an IEC CB Test Certificate. The part is completely lead-free and suitable for lead-free and conventional processing. The safety system yields very low transformer parasitics, ensuring that P3921 exhibits excellent frequency response and balance; in combination with its good harmonic distortion performance, P3921 is ideally suited to low cost yet demanding applications. |
Numéro de pièce similaire - P3921 |
|
Description similaire - P3921 |