| Moteur de recherche de fiches techniques de composants électroniques |
|
LPS-RK-200SP Fiches technique(PDF) 1 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
LPS-RK-200SP Fiches technique(HTML) 1 Page - Cooper Bussmann, Inc. |
|
1 / 3 page ![]() LOW-PEAK® LPS-RK Dual-Element, Time-Delay Fuses 70-600A Class RK1 –– 600 Vac/300 Vdc Bussmann® Features: • High degree of current-limitation for maximum short-circuit protection. • Type 2 protection for IEC and NEMA starters when properly sized. • High inrush current motor protection. • Time-delay permits 130% FLA sizing for back-up motor over- load protection, and single-phasing protection. • Low watt loss power consumption. • Electrically isolated end caps. • 300Vdc, UL Listed. Applications: • Branch distribution • Motors • Transformers • Solenoids • General purpose circuits A B Catalog Symbol: LPS-RK_SP (600V) Ampere Rating: 70 to 600A Voltage Rating: ac: 600V (or less) dc: 300V (or less) Interrupting Rating: ac: 300,000A RMS Sym. dc: 100,000A Agency Information: UL Listed–Special Purpose**, Guide JFHR, File E56412 CSA Certified, (200,000 AIR) Class 1422-02, File 53787, Class RK1 per CSA C22.2 No. 248.12 Catalog Numbers LPS-RK-70SP LPS-RK-150SP LPS-RK-350SP LPS-RK-80SP LPS-RK-175SP LPS-RK-400SP LPS-RK-90SP LPS-RK-200SP LPS-RK-450SP LPS-RK-100SP LPS-RK-225SP LPS-RK-500SP LPS-RK-110SP LPS-RK-250SP LPS-RK-600SP LPS-RK-125SP LPS-RK-300SP — Available with tin plate option. Add suffix “-TP”. (Ex.: LPS-RK-100SP-TP) Carton Quantity and Weight—LPS-RK (600Vac) Ampere Carton Weight* Ratings Qty. Lbs. Kg. 70–100 1 2.20 1.0 110–200 1 1.10 0.5 225–400 1 2.36 1.1 450–600 1 3.44 1.5 *Weight per carton. ** Meets all performance requirements of UL Standard 248-12 for Class RK1 fuses. Dimensional Data Dimensions (inches) Ampere Ratings “A” “B” 70-100 7.88 (± 0.062) 1.11 (± 0.020) 110-200 9.63 (± 0.062) 1.61 (± 0.020) 225-400 11.63 (± 0.094) 2.36 (± 0.020) 450-600 13.38 (± 0.094) 2.88 (± 0.020) N NE EW W D DE ES SIIG GN N CE logo denotes compliance with European Union Low Voltage Directive (50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact Bussmann Application Engineering at 636-527-1270 for more information. Fuse Reducers For Class R Fuses Desired Catalog Number Equipment Fuse (Case) (Pairs) Fuse Clips Size 600V 200A 100A No. 2621-R 400A 100A No. 2641-R 200A No. 642-R 100A No. 2661-R 600A 200A No. 2662-R 400A No. 2664-R* *Single reducer only (pair not required). For additional information, see Data Sheet: 1118. Form No. LPS-RK 70-600 Page 1 of 3 Data Sheet: 1002 10-2-02 SB02295 Recommended fuseblocks for Class R 600V fuses See Data Sheet: 1111 |
Numéro de pièce similaire - LPS-RK-200SP |
|
Description similaire - LPS-RK-200SP |