| Moteur de recherche de fiches techniques de composants électroniques |
|
CPDB2 Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CPDB2 Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 2 page ![]() Series EN Power Blocks 1.78" Centers SPECIFICATIONS Rating: 285A, 600V; UL/CSA Wire Range: Line Connection: #300MCM-#4 CU/AL Load Connection: (6) #6-14AWG CU (6) #8-14 AWG AL Material: Molded material; Black, UL rated 94V-2 thermo- plastic Operating Temperature: 125°C Series EN61 EN62 EN63 A 1.38 3.15 4.93 B 1.78 3.62 5.37 .20 x .37 mtg. slot 1.68 (42.67) .50 (12.70) 2.12 (53.84) A B 137 BUSS CPDB ® 4.14 CPDB-1=2.10" CPDB-2=3.72" CPDB-3=5.34" SUPPLIED WITH (4) #4 THREAD-CUTTING SCREWS ASSEMBLED AS SHOWN Clear with write on surface Part Numbering System Series - 160 1 - One Pole Block (162,165 Series only) 162 2 - Two Pole Block 165 3 - Three Pole Block 4 - Four Pole Block (160 Series only) C P B Covers (160, 162, 165 Series) Part Numbering System Series - 1- One Pole Block 2- Two Pole Block 3- Three Pole Block C P D B Covers (163 Series) |